Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564H Datasheet (PDF) - STMicroelectronics

L6564H Datasheet PDF - STMicroelectronics
Part # L6564H
Download  L6564H Download
File Size   1673.07 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage startup transition-mode PFC

L6564H Datasheet (PDF)

Go To PDF Page Download Datasheet
L6564H Datasheet PDF - STMicroelectronics

Part # L6564H
Download  L6564H Click to download

File Size   1673.07 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage startup transition-mode PFC

L6564H Datasheet (HTML) - STMicroelectronics


L6564H Product details

Features
■ Onboard 700 V startup source
■ Fast “bi-directional” input voltage feedforward
(1/V2 correction)
■ Accurate adjustable output overvoltage
protection
■ Protection against feedback loop
disconnection (latched shutdown)
■ Inductor saturation protection
■ AC brownout detection
■ Low (≤100 µA) startup current
■ 6 mA max. operating bias current
■ 1% (@ TJ = 25 °C) internal reference voltage
■ -600/+800 mA totem pole gate driver with
active pull-down during UVLO
■ SO-14 package

Application
■ PFC pre-regulators for:
– High-end AC-DC adapter/charger
– IEC61000-3-2 or JEITA-MITI compliant
SMPS, in excess of 400 W
– SMPS for LED luminaires




Similar Part No. - L6564H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
10 pin transition-mode PFC controller
08-Sep-2009
L6564D STMICROELECTRONICS-L6564D Datasheet
815Kb / 34P
10 pin transition-mode PFC controller
08-Sep-2009
L6564DTR STMICROELECTRONICS-L6564DTR Datasheet
815Kb / 34P
10 pin transition-mode PFC controller
08-Sep-2009
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
10-pin transition-mode PFC controller
18-Jan-2012
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
10-pin transition-mode PFC controller
18-Jan-2012
More results


Similar Description - L6564H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563H STMICROELECTRONICS-L6563H Datasheet
1Mb / 48P
High voltage start-up transition-mode PFC
01-Feb-2010
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
SIFIRST TECHNOLOGIES NA...
SF6562 SIFIRST-SF6562 Datasheet
65Kb / 2P
High Performance Transition Mode PFC Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com