Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4832M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832M
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4832M Datasheet HTML 1Page - National Semiconductor (TI) LM4832M Datasheet HTML 2Page - National Semiconductor (TI) LM4832M Datasheet HTML 3Page - National Semiconductor (TI) LM4832M Datasheet HTML 4Page - National Semiconductor (TI) LM4832M Datasheet HTML 5Page - National Semiconductor (TI) LM4832M Datasheet HTML 6Page - National Semiconductor (TI) LM4832M Datasheet HTML 7Page - National Semiconductor (TI) LM4832M Datasheet HTML 8Page - National Semiconductor (TI) LM4832M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical Characteristics for Entire IC(Notes 1, 2) (Continued)
The following specifications apply for V
DD = 5V unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4832
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
AUDIO PATH
P
O
Output Power
THD = 1.0% (max),f=1 kHz, All
controls at 0dB
R
L =8Ω
250
mW (min)
R
L =32Ω
95
75
mW (min)
THD+N
Total Harmonic Distortion+Noise
All Controls at 0 dB, THD = 10%,f=1
kHz
R
L =8Ω
350
mW
P
O = 200 mW, RL =8Ω
0.15
%
P
O = 75 mW, RL =32Ω
0.11
%
V
O = 1 Vrms, RL =10Ω
0.08
%
PSRR
Power Supply Rejection Ratio
C
B = 1 µF, f = 100 Hz, VRIPPLE = 100
mVrms, All Controls at 0 dB Setting
45
dB
A
M
Mute Attenuation
f = 1 kHz, V
IN = 1V
−75
dB
X
TALK
Cross Talk
P
O = 200 mW, RL =8Ω,
All controls at 0 dB setting,
f=1kHz
Left to Right
−85
dB
Right to Left
−72
dB
MICROPHONE PREAMP AND VOLUME CONTROL
A
V
Preamp Gain
0 dB Gain
0
−1, 1
dB
+20 dB Gain
20
19, 21
dB
+30 dB Gain
30
29, 31
dB
A
R
Attenuator Range
Gain at +18 dB Setting
20
dB (max)
Attenuation at −42 dB Setting
−43
dB (min)
A
S
Step Size
0 dB to −42 dB
3
dB
Step Size Error
0.4
dB (max)
V
SWING
Output Voltage Swing
f = 1 kHz, THD < 1.0%,R
L =1kΩ
1.7
V
rms
E
NO
Input Referred Noise
A-Weighted, Attenuator at 0 dB
7
µV (min)
PSRR
Power Supply Rejection Ratio
f = 100 Hz, V
RIPPLE = 100 mVrms,
C
B =1µF
35
dB
A
M
Mute Attenuation
−90
dB
X
TALK
Cross Talk
Power Amp P
O =200 mW,f=1kHz
−90
dB
THD+N
Total Harmonic Distortion Plus Noise
All controls at 0 dB,f=1 kHz, V
O =1V
0 dB Setting
0.03
%
+20 dB Gain
0.03
%
+30 dB Gain
0.04
%
I
2C BUS TIMING
f
MAX
Maximum Bus Frequency
400
kHz
T
START:HOLD
Start Signal: Hold Time before
Clock/Data Transitions
0.6
µs
T
D;SETUP
Data Setup Time
0.1
µs
T
C;HIGH
Minimum High Clock Duration
0.6
µs
T
C;LOW
Minimum Low Clock Duration
1.3
µs
T
STOP;SETUP
Stop Signal: Setup Time before
Clock/Data Transitions
0.6
µs
I
2C BUS INPUT AND OUTPUT
V
IL
Input Low Voltage
1.5
V (max)
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com