Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4832M Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832M
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832M Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4832M Datasheet HTML 1Page - National Semiconductor (TI) LM4832M Datasheet HTML 2Page - National Semiconductor (TI) LM4832M Datasheet HTML 3Page - National Semiconductor (TI) LM4832M Datasheet HTML 4Page - National Semiconductor (TI) LM4832M Datasheet HTML 5Page - National Semiconductor (TI) LM4832M Datasheet HTML 6Page - National Semiconductor (TI) LM4832M Datasheet HTML 7Page - National Semiconductor (TI) LM4832M Datasheet HTML 8Page - National Semiconductor (TI) LM4832M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics for Entire IC(Notes 1, 2) (Continued)
The following specifications apply for V
DD = 5V unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4832
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
2C BUS INPUT AND OUTPUT
V
IH
Input High Voltage
3
V (min)
I
IN
Input Current
0.15
µA
V
O
Output Voltage—SDA Acknowledge
0.4
V (max)
V
OL
External Power Amp Disable Low
0.4
V (max)
V
OH
External Power Amp Disable High
4
V (min)
Note 1: All voltages are measured with respect to the ground pins, unless otherwise specified. All specifications are tested using the typical applicationas shown in
Figure 1.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA.For the LM4832, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance, when board
mounted, is 69˚C/W assuming the M28B package.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed that all parts are tested in production to meet the stated values.
Typical Application Circuit
DS100014-3
FIGURE 2. Typical Application Circuit
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com