Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR458 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZR458
Description  PRECISION 2.45 VOLT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR458 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZR458 Datasheet HTML 1Page - Zetex Semiconductors ZR458 Datasheet HTML 2Page - Zetex Semiconductors ZR458 Datasheet HTML 3Page - Zetex Semiconductors ZR458 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEVICE DESCRIPTION
The ZR458 uses a bandgap circuit design to
achieve a precision voltage reference of 2.45
volts.
The ZR458 design provides a stable voltage
without an external capacitor and is stable
wi th capaci tive loads. The ZR458 is
recommended for operation between 2mA
and 120mA.
FEATURES
• TO92 style package
• No stabilising capacitor required
• Typical TC 15ppm/°C
• Typical slope resistance 0.26Ω
• 1% tolerance
• Industrial temperature range (Military
temperature range available on request)
• Operating current 2mA to 120mA
• Alternative package options and
tolerances available
APPLICATIONS
• Battery powered and portable
equipment.
• Metering and measurement systems.
• Instrumentation.
• Test equipment.
• Data acquisition systems.
PRECISION 2.45 VOLT
VOLTAGE REFERENCE
ISSUE 2 — FEBRUARY 1998
ZR458
VR
Gnd
1.25VREF
SCHEMATIC DIAGRAM
4-196


Similar Part No. - ZR458

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR458 DIODES-ZR458 Datasheet
63Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
FEBRUARY 1998
ZR458A DIODES-ZR458A Datasheet
63Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
FEBRUARY 1998
More results

Similar Description - ZR458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA245 ZETEX-ZRA245 Datasheet
69Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR404 ZETEX-ZR404 Datasheet
58Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA245 ZETEX-ZRA245_06 Datasheet
180Kb / 5P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
JANUARY 1996
ZR458 DIODES-ZR458 Datasheet
63Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
FEBRUARY 1998
ZR404 DIODES-ZR404 Datasheet
64Kb / 4P
PRECISION 2.45 VOLT VOLTAGE REFERENCE
FEBRUARY 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com