Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2010-201-R Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2010-201-R
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2010-201-R Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MSW2010-201-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW201x-201
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
3
1. PIN diode DC reverse voltage to maintain high resistance in the OFF PIN diode is determined by RF frequency, incident power, and VSWR
as well as by the characteristics of the diode. The minimum reverse bias voltage values are provided in this datasheet. The input signal
level applied for small signal testing is approximately 0 dBm.
2. Switching time (50% TTL - 10/90% RF Voltage) is a function of the PIN diode driver performance as well as the characteristics of the
diode. An RC “current spiking network” is used on the driver output to provide a transient current to rapidly remove stored charge from the
PIN diode. Typical component values are: R = 50 to 220 Ω and C = 470 to 1,000 pF. MACOMs MPD2T28125-700 is the recommended PIN
diode driver to interface with the MSW2010-201 and MSW2011-201 SP2T switches. Its data sheet is available.
Bias State Conditions:
Transmit State
(TX - ANT in low insertion loss state):
a. B1: -100 mA
b. B2: +100 mA
c. B3: -25 mA, +28 V
d. B4: +25 mA
Small Signal Receive State
(ANT - RX in low insertion loss state):
a. B1: +28 V
b. B2: +100 mA
c. B3: -100 mA, 0 V
d. B4: +28 V
Truth Table
RF Bias Network Component Values
Part #
Frequency (MHz)
Inductors
DC Blocking Capacitors RF Bypass Capacitors
MSW2010-201
50 - 1000
4.7 µH
0.1 µF
0.1 µF
MSW2011-201
400 - 4000
43 nH
47 pF
270 pF
Evaluation Board Truth Table
Port
J0 - J1
Port
J0 - J2
Bias: B1
Bias: B2
Bias: B3
Bias: B4
Low Loss
Isolation
-100 mA
+100 mA
+25 mA @ +28 V
-25 mA
Isolation
Low Loss
+28 V
+100 mA
-100 mA
+28 V
Port
J0 - J1
Ant Bias (P1-pin 3)
TX Bias (P1-pin 1)
RX Bias (P1-pin 7)
DC Bias (P1-pin 5)
TX-ANT Low Loss &
TX-RX Isolation
+5 V @ +100 mA
0 V @ -100 mA
+28 V @ +25 mA
0 V @ -25 mA
ANT-RX Low Loss &
RX-TX Isolation
+5 V @ +100 mA
+28 V @ 0 mA
0 V @ +100 mA
+28 V @ 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com