Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2010-201-R Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2010-201-R
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2010-201-R Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MSW2010-201-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2010-201-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW201x-201
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
4
Minimum Reverse Bias Voltage3: PINC = 125 W CW, Z0 = 50 Ω with 1.5:1 VSWR
Part #
20 MHz
100 MHz
200 MHz
400 MHz
1 GHz
4 GHz
MSW2010-201
120 V
110 V
85 V
55 V
28 V
N/A
MSW2011-201
N/A
N/A
110 V
85 V
55 V
28 V
3. N/A denotes the switch is not recommended for that frequency band.
Where:
|VDC| = magnitude of the minimum DC reverse bias voltage
|VRF| = magnitude of the peak RF voltage (including the effects of the VSWR)
FMHz
= lowest RF signal frequency expressed in MHz
D
= duty factor of the RF signal
WMILS = thickness of the diode I layer, expressed in mils (thousands of an inch)
R. Caverly and G. Hiller, ―Establishing the Minimum Reverse Bias for a PIN Diode in a High Power Switch, IEEE Transac-
tions on Microwave Theory and Techniques, Vol.38, No.12, December 1990
The minimum reverse bias voltage required to maintain a PIN diode out of conduction in the presence of a large
RF signal is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com