Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5567 Datasheet HTML 9Page - Analog Devices ADL5567 Datasheet HTML 10Page - Analog Devices ADL5567 Datasheet HTML 11Page - Analog Devices ADL5567 Datasheet HTML 12Page - Analog Devices ADL5567 Datasheet HTML 13Page - Analog Devices ADL5567 Datasheet HTML 14Page - Analog Devices ADL5567 Datasheet HTML 15Page - Analog Devices ADL5567 Datasheet HTML 16Page - Analog Devices ADL5567 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5567
Data Sheet
Rev. 0 | Page 12 of 23
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
5V HP MODE
5V LP MODE
3.3V HP MODE
3.3V LP MODE
Figure 27. HD2 vs. Frequency for Single-Ended Input Circuit
–110
–100
–90
–80
–70
–60
–50
–40
–30
0
200
400
600
800
1000 1200
FREQUENCY (Hz)
1400 1600 1800 2000
5V HP MODE
5V LP MODE
3.3V HP MODE
3.3V LP MODE
Figure 28. HD3 vs. Frequency for Single-Ended Input Circuit
C4
500mV/DIV 50Ω
25GS/s 4ps/pt
A CH4
1.64V
M1 200mV 2.0ns
B
W
M1
4
Figure 29. Enable Time Response, VS = 3.3 V, Low Power Mode
M1 300mV 2.0ns
25GS/s 20ps/pt
A CH1
0V
R1 600mV 2.0ns
M1
R1
INPUT
OUTPUT
Figure 30. Large Signal Pulse Response, VOUT = 4 V p-p, VS = 3.3 V
100
90
80
70
60
50
20
10
0
40
30
1 500MHz
48.685dB
2 1.0GHz
38.205dB
3 1.5GHz
31.706dB
4 3.0GHz
27.942dB
1
2
3
4
FREQUENCY (GHz)
0
6.0
5.4
4.2
3.0
1.8
0.6
2.4
3.6
4.8
1.2
Figure 31. Common-Mode Rejection Ratio (CMRR) vs. Frequency,
VS = 5 V, High Performance Mode
2.0n
1.8n
1.6n
1.4n
1.2n
1.0n
400p
200p
0
800p
600p
1 500MHz
580.56ps
2 1.0GHz
617.40ps
3 1.5GHz
655.06ps
4 3.0GHz
599.63ps
FREQUENCY (GHz)
0
6.0
5.5
4.5
3.5
2.5
1.5
0.5
5.0
2.0
3.0
4.0
1.0
HP
Figure 32. Group Delay vs. Frequency, VS = 5 V, High Performance (HP) and
Low Power (LP) Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com