Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5567 Datasheet HTML 16Page - Analog Devices ADL5567 Datasheet HTML 17Page - Analog Devices ADL5567 Datasheet HTML 18Page - Analog Devices ADL5567 Datasheet HTML 19Page - Analog Devices ADL5567 Datasheet HTML 20Page - Analog Devices ADL5567 Datasheet HTML 21Page - Analog Devices ADL5567 Datasheet HTML 22Page - Analog Devices ADL5567 Datasheet HTML 23Page - Analog Devices ADL5567 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5567
Data Sheet
Rev. 0 | Page 20 of 23
EVALUATION BOARD
Figure 54 shows the schematic of the ADL5567 evaluation board.
The evaluation board is powered by a single supply in the 3 V to
5 V range. The power supply is decoupled by 10 µF and 0.1 µF
capacitors. Inductors L1 and L2 decouple the ADL5567 from the
power supply. Table 7 details the various configuration options of
the evaluation board.
Figure 55 and Figure 56 show the component and circuit side
layouts of the evaluation board.
The balanced input and output interfaces are converted to single-
ended with a pair of baluns (Mini-Circuits TCM1-43X+). The
baluns at the input, T1 and T2, provide a 50 Ω single-ended to
differential transformation. The output baluns, T3 and T4, and the
matching components are configured to provide a 200 Ω to 50 Ω
impedance transformation with an insertion loss of about 11 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com