Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM-21 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACM-21
Description  Chip Wire Wound Common Mode Choke
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACM-21 Datasheet(HTML) 1 Page - Abracon Corporation

  ACM-21 Datasheet HTML 1Page - Abracon Corporation ACM-21 Datasheet HTML 2Page - Abracon Corporation ACM-21 Datasheet HTML 3Page - Abracon Corporation ACM-21 Datasheet HTML 4Page - Abracon Corporation ACM-21 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Chip Wire Wound Common Mode Choke
| | | | | | | | | | | | | | |
ACM-21
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.27.14
Visit www.abracon.com for Terms & Conditions of Sale
2.0 x 1.2 x 1.2mm
STANDARD SPECIFICATIONS
Abracon P/N:
ACM-21
Operating Temperature & Humidity:
Storage Temperature & Humidity:
PART IDENTIFICATION:
Test Conditions
Impedance: LCR Meter HP 4291B, 100MHz
DCR: Micro-Ohm meter (GOM-801G)
Withstand Voltage (VDC): 125Vdc, 60 sec, 0.5mA
Rated Voltage (VDC): 50Vdc, 1 – 5 sec
Insulation Resistance (I.R): 1mA, 1 min
-40˚C to +85˚C
• Small size with ferrite base
• Two line type wire wound
• High common-mode impedance at noise band and low
differential-mode impedance at signal band
• Suitable for high-speed signal.
• EMI and Noise Suppression
• USB Line Filter for Personal Computers and Peripheral
• IEEE 1394 Line for Personal Computers, DVC, STB
• Low-Voltage Differential Signal (LVDS) for LCD panels
Part Number
Z
DCR
IDC
Rated
Voltage
Withstanding
Voltage
Insulation
Resistance
Units
Ω ± 20%
Ω (max.)
mA
Vdc
Vdc
MΩ (min.)
ACM-21-300
30
0.20
450
50
125
10
ACM-21-670
67
0.25
400
50
125
10
ACM-21-900
90
0.30
400
50
125
10
ACM-21-121
120
0.30
370
50
125
10
ACM-21-161
160
0.35
330
50
125
10
ACM-21-181
180
0.35
330
50
125
10
ACM-21-201
200
0.35
330
50
125
10
ACM-21-221
220
0.35
330
50
125
10
ACM-21-261
260
0.40
300
50
125
10
ACM-21-361
360
0.40
280
50
125
10
ACM-21-371
370
0.40
280
50
125
10
22˚C to 28˚C, Humidity < 80%RH (In tape and reel)
ACM-21 -
M -
Packaging
Blank: bulk
T: Tape and Reel
(2k pcs/reel)
Impedance Code
Please refer to the
table above


Similar Part No. - ACM-21

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACM-21H ABRACON-ACM-21H Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for HDMI
02.19.14
ACM-21H-121 ABRACON-ACM-21H-121 Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for HDMI
02.19.14
ACM-21H-670 ABRACON-ACM-21H-670 Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for HDMI
02.19.14
ACM-21H-900 ABRACON-ACM-21H-900 Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for HDMI
02.19.14
ACM-21U ABRACON-ACM-21U Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for USB3.0
02.20.14
More results

Similar Description - ACM-21

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
WIRE- WOUND COMMON MODE CHOKE
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
Common Mode Choke Coil Wire Wound Type
logo
Abracon Corporation
ACM-21H ABRACON-ACM-21H Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for HDMI
02.19.14
ACM-21U ABRACON-ACM-21U Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for USB3.0
02.20.14
ACM-31 ABRACON-ACM-31 Datasheet
1Mb / 4P
Chip Wire Wound Common Mode Choke
01.28.13
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
Wire wound type common mode choke
logo
Cyntec Co., Ltd.
CYNVF-19Z-005 CYNTEC-CYNVF-19Z-005 Datasheet
970Kb / 6P
Wire-wound Common Mode Choke VFB3225 Series
CYNVF-172-001 CYNTEC-CYNVF-172-001 Datasheet
947Kb / 6P
Wire-wound Common Mode Choke VFB4532 Series
CYNVF-196-003 CYNTEC-CYNVF-196-003 Datasheet
1Mb / 6P
Wire-wound Common Mode Choke VFB4532 V Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com