Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM-21 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACM-21
Description  Chip Wire Wound Common Mode Choke
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACM-21 Datasheet(HTML) 2 Page - Abracon Corporation

  ACM-21 Datasheet HTML 1Page - Abracon Corporation ACM-21 Datasheet HTML 2Page - Abracon Corporation ACM-21 Datasheet HTML 3Page - Abracon Corporation ACM-21 Datasheet HTML 4Page - Abracon Corporation ACM-21 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Chip Wire Wound Common Mode Choke
| | | | | | | | | | | | | | |
ACM-21
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.27.14
Visit www.abracon.com for Terms & Conditions of Sale
2.0 x 1.2 x 1.2mm
ACM-21-300
ACM-21-670
ACM-21-900
ACM-21-121
ACM-21-161
ACM-21-181
ELECTRICAL CHARACTERISTIC CURVE:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com