Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4838LQ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4838LQ
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838LQ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4838LQ Datasheet HTML 1Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 2Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 3Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 4Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 5Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 6Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 7Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 8Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM4838
Stereo 2W Audio Power Amplifiers
with DC Volume Control and Selectable Gain
General Description
The LM4838 is a monolithic integrated circuit that provides
DC volume control, and stereo bridged audio power amplifi-
ers capable of producing 2W into 4
Ω (Note 1) with less than
1.0% THD or 2.2W into 3
Ω (Note 2) with less than 1.0%
THD.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4838 incorporates a
DC volume control, stereo bridged audio power amplifiers
and a selectable gain or bass boost, making it optimally
suited for multimedia monitors, portable radios, desktop, and
portable computer applications.
The LM4838 features an externally controlled, low-power
consumption shutdown mode, and both a power amplifier
and headphone mute for maximum system flexibility and
performance.
Note 1: When properly mounted to the circuit board, the LM4838LQ and
LM4838MTE will deliver 2W into 4
Ω. The LM4838MT and LM4838ITL will
deliver 1.1W into 8
Ω. See Application Information section Exposed-DAP
package PCB Mounting Considerations for more information.
Note 2: An LM4838LQ and LM4838MTE that have been properly mounted
to the circuit board and forced-air cooled will deliver 2.2W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
into 3
Ω (LQ & MTE)
2.2W (typ)
n
into 4
Ω (LQ & MTE)
2.0W (typ)
n
into 8
Ω (MT, MTE, ITL, & LQ)
1.1W (typ)
n
Single-ended mode - THD+N at 85mW into
32
Ω
1.0%(typ)
n
Shutdown current
0.7µA (typ)
Features
n
DC Volume Control Interface
n
System Beep Detect
n
Stereo switchable bridged/single-ended power amplifiers
n
Selectable internal/external gain and bass boost
n
“Click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
Applications
n
Portable and Desktop Computers
n
Multimedia Monitors
n
Portable Radios, PDAs, and Portable TVs
Block Diagram
Boomer® is a registered trademark of NationalSemiconductor Corporation.
20013301
FIGURE 1. LM4838 Block Diagram
January 2003
© 2003 National Semiconductor Corporation
DS200133
www.national.com


Similar Part No. - LM4838LQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4838 TI-LM4838 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838MTEX/NOPB TI-LM4838MTEX/NOPB Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838MTX/NOPB TI-LM4838MTX/NOPB Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results

Similar Description - LM4838LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com