Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4838LQ Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4838LQ
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838LQ Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4838LQ Datasheet HTML 17Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 18Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 19Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 20Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 21Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 22Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 23Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 24Page - National Semiconductor (TI) LM4838LQ Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output:
1 W
RMS
Load Impedance:
8
Ω
Input Level:
1 V
RMS
Input Impedance:
20 k
Ω
Bandwidth:
100 Hz−20 kHz ± 0.25 dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (10), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (10). The result is
Equation (11).
(11)
V
DD
≥ (V
OUTPEAK+(VODTOP +VODBOT))
(12)
The Output Power vs Supply Voltage graph for an 8
Ω load
indicates a minimum supply voltage of 4.6V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4838 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
of maximum power dissipation as explained above in the
Power Dissipation section.
After satisfying the LM4838’s power dissipation require-
ments, the minimum differential gain needed to achieve 1W
dissipation in an 8
Ω load is found using Equation (12).
(13)
Thus, a minimum overall gain of 2.83 allows the LM4838’s to
reach full output swing and maintain low noise and THD+N
performance.
The last step in this design example is setting the amplifier’s
−6dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB
desired limit. The results are an
f
L = 100Hz/5 = 20Hz
(14)
and an
f
H = 20kHz x 5 = 100kHz
(15)
As mentioned in the Selecting Proper External Compo-
nents section, R
i (Right & Left) and Ci (Right & Left) create
a highpass filter that sets the amplifier’s lower bandpass
frequency limit. Find the input coupling capacitor’s value
using Equation (14).
C
i
≥ 1/(2πR
ifL)
(16)
The result is
1/(2
π*20kΩ*20Hz) = 0.397µF
(17)
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain A
VD, determines the
upper passband response limit. With A
VD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
300kHz. This is less than the LM4838’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance,restricting
bandwidth limitations.
Recommended Printed Circuit
Board Layout
The following figures show the recommended PC board
layouts that are optimized for the different package options
of the LM4838 and associated external components. This
circuit is designed for use with an external 5V supply and 4
Ω
speakers.
This circuit board is easy to use. Apply 5V and ground to the
board’s V
DD
and GND pads, respectively. Connect 4
Ω
speakers between the board’s −OUTA and +OUTA and
OUTB and +OUTB pads.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com