Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQY217STR Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KAQY217STR
Description  4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY217STR Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQY217STR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M000002.5
- 2 -
http://www.cosmo-ic.com
cosmo
KAQY217 Series
4PIN 200V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Outside Dimension
Unit:mm
13.00°
0.25
13.00°
1.20
0.50
2.54
7.62
6.50
4.60
KAQY217
10.00±0.4
1.00
1.20
2.54
6.50
7.62
0
~10°
4.60
TOLERANCE
:±0.2mm
KAQY217A
0.50±0.3
0.40
6.8±0.4
2.54
4.40
4.60
KAQY217S
1. Dual-in-line type.
2. Surface mount type.
3. Small outline for
surface mount type.
 Device Marking
cosmo
Y217
□
YWW
Notes:
cosmo
Y217□
□:Pin forming
YWW
Y:Year code / W:Week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com