Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQY217STR Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KAQY217STR
Description  4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY217STR Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQY217STR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY217STR Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M000002.5
- 6 -
http://www.cosmo-ic.com
cosmo
KAQY217 Series
4PIN 200V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
-40
-20
0
20
40
60
80
1.7
1.5
1.3
1.1
0.9
1.9
50mA
30mA
20mA
10mA
5mA
1
2
3
4
5
5
4
3
2
1
- 3 0
- 6 0
- 9 0
- 1 2 0
- 1 5 0
- 1 8 0
1 8 0
1 5 0
1 2 0
9 0
6 0
3 0
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9 Turn-on Time
vs. LED Forward Current
Fig.10 Off-state Leakage Current
vs. Load Voltage
0
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
0
60
2 0
4 0
6 0
8 0
1 0 0
0
1 0
-1 2
1 0
1 0
1 0
-9
-6
-3
LED Forward Current (mA)
Load Voltage (V)
Fig.11 Turn-off Time
vs. LED Forward Current
Fig.12 Output Capacitance
vs. Applied Voltage
0
0 .1
0 .2
0 .3
0 .4
0 .5
1 0
20
30
4 0
50
0
60
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
LED Forward Current (mA)
Applied Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com