Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05121G-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD05121G-AF5-R
Description  Build-in soft start function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05121G-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD05121G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UD05121
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R221-028.E
TYPICAL CHARACTERISTICS
C1=100μF, C2=330μF, L1=33μH, TA=25°C
Efficiency Test (VOUT=1.0V)
Output Current, IOUT (A)
0
0.5
1.0
100
80
70
50
40
20
10
0
30
60
1.5
90
Output Current, IOUT (A)
Efficiency Test (VIN=5V)
Frequency vs. Input Voltage
Quiescent Current vs. Input Voltage
VIN=5V, VOUT=1.0V, ILOAD=No Load
VIN=5V, VOUT=1.0V, IOUT=1.2A
SW
VIN
VOUT
VOUT
IOUT
VIN
5VIN
3.6VIN
2.7VIN
0
0.5
1.0
100
80
70
50
40
20
10
0
30
60
1.5
90
IOUT
SW
Input Voltage, VIN (V)
2.5
3.5
4.5
1.50
1.45
1.40
1.35
1.25
1.20
1.30
5.5
3.0
4.0
5.0
Input Voltage, VIN (V)
2.5
3.5
4.5
0.50
0.40
0.35
0.25
0.20
0.10
0.05
0
0.15
0.30
5.5
0.45
3.0
4.0
5.0
VOUT=1V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com