Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05121G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05121G-AF5-R
Description  Build-in soft start function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05121G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05121G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05121G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05121
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R221-028.E
1.2A 1.5MHZ SYNCHRONOUS
BUCK CONVERTER
DESCRIPTION
The UTC UD05121 is a monolithic synchronous buck regulator
with a built in internal power MOSFET. It achieves 1.2A continuous
output current fix switching frequency with excellent load and line
regulation.
Current mode operation provides fast transient response and
eases of loop stabilization.
Fault condition protection includes cycle-by-cycle current
limiting, output short circuit protection and thermal shutdown. In
shutdown mode the regulator draws less than 1μA of supply
current. Internal soft-start minimizes the inrush supply current at
initial startup.
The UTC UD05121 requires a minimum number of readily
available standard external components.
FEATURES
 
* 2.5V~5.5V input voltage range
* Up to 1.2A Output Current
* 300/200mΩ Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 95% Efficiency
* Less than 1μA Shutdown Current
* 1.5Mhz Switching Frequency
* Thermal Shutdown Protection
* Current limit and short circuit protections.
* Output Adjustable from 0.6V to VIN
* Build-in soft start function
ORDERING INFORMATION
Ordering Number
Package
Packing
UD05121G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - UD05121G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05123G-AF5-R UTC-UD05123G-AF5-R Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05123L-AF5-R UTC-UD05123L-AF5-R Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
UD05124G-AF5-R UTC-UD05124G-AF5-R Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results

Similar Description - UD05121G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1335 SII-S1335 Datasheet
1Mb / 67P
HIGH RIPPLE-REJECTION SOFT-START FUNCTION
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
internal soft-start function
logo
Richtek Technology Corp...
RT4723 RICHTEK-RT4723 Datasheet
1Mb / 15P
Built-in Soft-Start
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
Soft Start Function
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
soft start function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com