Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05201G-S08-B-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD05201G-S08-B-R
Description  No Schottky Diode Required
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05201G-S08-B-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD05201G-S08-B-R Datasheet HTML 1Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 2Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 3Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 4Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UD05201
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R115-003.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
A
B
C
PIN NAME
DESCRIPTION
1
4
5
EN
Enable pin H: normal operation
L: Shutdown
2
8
8
PVIN
Power Supply Input Pin
3
1
1
SVIN
Signal Supply Input Pin
4, 6
3, 5
3
SGND
Signal Ground Pin
5
2
4
FB
Output Feedback pin
7
7
7
LX
Switch output pin. Connect external inductor here. Minimize trace area at
this pin to reduce EMI.
8
6
6
PGND
Power Ground Pin
-
-
2
NC
No connect pin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com