Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05201G-S08-B-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05201G-S08-B-R
Description  No Schottky Diode Required
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05201G-S08-B-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05201G-S08-B-R Datasheet HTML 1Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 2Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 3Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 4Page - Unisonic Technologies UD05201G-S08-B-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05201
Advance
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R115-003.a
1.2MHZ, 2A SYNCHRONOUS
STEP-DOWN CONVERTER
DESCRIPTION
The UTC UD05201 is a 1.2MHz constant frequency current mode
PWM step-down converter. It is ideal for portable equipment
requiring very high current up to 2A from single-cell Lithium-ion
batteries while still achieving over 90% efficiency during peak load
conditions. The UTC UD05201 also can run at 100% duty cycle for
low dropout operation, extending battery life in portable systems
while light load operation provides very low output ripple for noise
sensitive applications. The UTC UD05201 can supply up to 2A
output load current from a 2.6V to 5.5V input voltage and the output
voltage can be regulated as low as 0.6V. The high switching
frequency minimizes the size of external components while keeping
switching losses low. The internal slope compensation setting allows
the device to operate with smaller inductor values to optimize size
and provide efficient operation. The UTC UD05201 is available in
adjustable (0.6V to VIN) output voltage.
FEATURES
* 2.6V~5.5V Input Voltage Range
* Output Voltages from 0.6V to VIN
* High Efficiency: Up to 96%
* 1.2MHz Constant Frequency Operation
* Up to 2A Output Current
* No Schottky Diode Required
* Low RDS(ON) Internal Switches: 0.15Ω
* Current Mode Operation for Excellent Line and Load Transient
Response
* Current limit, Enable function
* Short Circuit Protect (SCP)
* Build-in Soft Start function
* ≤ 1µA Shutdown Current
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UD05201G-S08-A-R
SOP-8
Tape Reel
UD05201G-S08-B-R
SOP-8
Tape Reel
UD05201G-S08-C-R
SOP-8
Tape Reel
UD05201G-S08-A-R
(1)Packing Type
(2)Pin Code
(1) R: Tape Reel
(2) Refer to PIN CONFIGURATION
(3) S08: SOP-8
(3)Package Type
(4)Green Package
(4) G: Halogen Free and Lead Free


Similar Part No. - UD05201G-S08-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05201G-S08-B-R UTC-UD05201G-S08-B-R Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - UD05201G-S08-B-R

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
No firmware development required
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
No minimum load required
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
logo
Maxim Integrated Produc...
MAX1951EVKIT MAXIM-MAX1951EVKIT Datasheet
102Kb / 3P
No External Schottky Diode Required
Rev 0; 12/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com