Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05303G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD05303G-SH2-R
Description  RoHS compliant and halogen free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05303G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD05303G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05303G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05303G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05303G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UD05303
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R503-A75.b
PIN CONFIGURATION
1
2
3
4
8
7
6
5
NC
IN
LX
GND
FB
EN
PG
NC
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 6
NC
No connections
2
IN
Input pin. Decouple this pin to GND pin with at test 1μF ceramic cap
3
LX
Inductor pin. Connect this pin to the switching node of inductor
4, paddle
GND
Ground pin
5
FB
Output feedback pin. Connect this pin to the center point of the output resistor
divide (as shown in figure 1)to program the output voltage: VOUT=0.6*(1+R1/R2)
7
EN
Enable control. Pull high to turn on. Do not float
8
PG
Power good indicator. When the output voltage exceeds 90% of regulation point,
it becomes open drain; low otherwise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com