Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05303G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05303G-SH2-R
Description  RoHS compliant and halogen free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05303G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05303G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05303G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05303G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05303G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05303
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R503-A75.b
3A, 1MHz, HIGH EFFICIENCY
DESCRIPTION
The UTC UD05303 is a high-efficiency 1MHz synchronous
step-down DC-DC regulator IC capable of delivering up to 3A
output current. The UTC UD05303 operates over a wide input
voltage ranging form 3~5.5V and integrate main switch and
synchronous switch with very low RDS(ON) to minimize the
conduction loss.
Low output voltage ripple and small external inductor and
capacitor sizes are achieved with 1MHz switching provides the
system reset function and facilitates the output sequencing design.
FEATURES
* Low RDS(ON) for internal switches (top/bottom) 100mΩ/70mΩ, 3A
* 3~5.5V input voltage range
* 1MHz switching frequency minimizes the external components
* Internal softstart limits the inrush current
*100% dropout operation
* Output power good indicator
* RoHS compliant and halogen free
* Compact and thermally enhanced SO8 package with exposed
paddle
ORDERING INFORMATION
Ordering Number
Package
Packing
UD05303G-SH2-R
HSOP-8
Tape Reel
UD05303G-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - UD05303G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05302G-SH2-R UTC-UD05302G-SH2-R Datasheet
133Kb / 4P
Internal softstart limits the inrush current
More results

Similar Description - UD05303G-SH2-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
RoHS and Halogen-Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com