Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD24121G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD24121G-AG6-R
Description  Pre-Regulator for Linear Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD24121G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD24121G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UD24121
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R115-011.b
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
VIN
26
V
SW Pin Voltage
VSW
27
V
BOOST Trap Voltage
VBST
VSW +6V
V
All Other Pins Voltage
-0.3V ~ + 6V
V
Power Dissipation
PD
568
mW
Junction Temperature Range
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
4.5 ~ 24
V
Output Voltage
VOUT
0.81 ~ 15
V
Ambient Temperature
TA
-40 ~ +125
°C
input current into the EN pin
300
μA
Note: The device is not guaranteed to function outside of its operating conditions.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction To Ambient
θJA
220
°C/W
Junction to Case
θJC
110
°C/W
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Current
IQ
VEN=2V, VFB=1V
0.8
mA
Shutdown Current
ISHDN
VEN=0V.
1
3
µA
Switch-On Resistance (Note 6)
RDS-ON
0.35
Ω
Switch Leakage Current
ISWLKG
VEN=0V, VSW=0V
10
uA
Current Limit (Note 6)
ILIMIT
1.8
A
Oscillation frequency
FSW
1.4
MHz
Fold-Back Frequency
FSB
VFB=0V
460
KHz
Max Duty Cycle
DMAX
VFB=0.6V
87
%
Minimum On Time (Note 6)
TON_MIN
100
nS
Feedback Voltage
VFB
4.5V≦VIN≦18V
0.790
0.810
0.830
mV
EN Input High Voltage
VEN_H
VEN Rising
1.2
V
EN Input Low Voltage
0.4
mV
VEN=2V
2.1
EN input current
VEN=0V
0.1
uA
VIN UVLO Threshold-Rising
VUVLO(Vth)
VIN Rising
2.8
V
VIN UVLO Threshold Hysteresis
150
mV
Thermal Shutdown (Note 6)
TSD
150
°C
Thermal Hysteresis (Note 6)
25
°C
Note: Guaranteed by design.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com