Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD24121G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD24121G-AG6-R
Description  Pre-Regulator for Linear Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD24121G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD24121G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD24121G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD24121
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R115-011.b
1.2A, 24V, 1.4MHz
STEP-DOWN CONVERTER
DESCRIPTION
The UTC UD24121 is a monolithic step-down switching mode
converter with a built-in power MOSFET. It regulates input voltages
from 4.5V to 24V down to an output voltage as low as 0.81V, and
supplies up to 1.2A of load current.
Current mode operation provides fast transient response and
eases loop stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal shutdown.
The UTC UD24121 requires a minimum number of readily
available standard external components.
APPLICATIONS
* Distributed Power Systems
* Battery Charger
* Pre-Regulator for Linear Regulators
* WLED Drivers
FEATURES
* 1.2A Peak Output Current
* 0.35Ω Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 92% Efficiency
* 0.1μA Shutdown Mode
* Fixed 1.4MHz Frequency
* Thermal Shutdown
* Cycle-by-Cycle Over Current Protection
* Wide 4.5V to 24V Operating Input Range
* Output Adjustable from 0.81V to 15V
ORDERING INFORMATION
Ordering Number
Package
Packing
UD24121G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UD24121G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD24121G-AG6-R UTC-UD24121G-AG6-R Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results

Similar Description - UD24121G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
Ultra Low Dropout Linear Regulators for PC
logo
Texas Instruments
TPS65300-Q1 TI1-TPS65300-Q1 Datasheet
1Mb / 36P
3-MHz Step-Down Regulator and Triple Linear Regulators
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
RF-Linear Regulators
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
RF- Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
RF- Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
RF Linear Regulators
logo
Allegro MicroSystems
ARG81402 ALLEGRO-ARG81402 Datasheet
2Mb / 45P
PMIC for Safety-Related Systems, with SR Buck Pre-Regulator, 5 Linear Regulators, Watchdog Timer, and SPI
ARG82801 ALLEGRO-ARG82801 Datasheet
3Mb / 44P
Fully Integrated PMIC for Safety-Related Systems with Buck or Buck-Boost Pre-Regulator, 4횞 Linear Regulators, 4횞 Gate Drivers, and SPI
ARG82801-1 ALLEGRO-ARG82801-1 Datasheet
1Mb / 44P
Fully Integrated PMIC for Safety-Related Systems with Buck or Buck-Boost Pre-Regulator, 4횞 Linear Regulators, 4횞 Gate Drivers, and SPI
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com