Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38251G-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD38251G-SH2-R
Description  Cycle-by-Cycle Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38251G-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD38251G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UD38251
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R115-007.B
TYPICAL CHARACTERISTICS
Efficiency Test (VOUT=5V)
Output Current, IOUT (A)
0
1.0
1.5
100
80
70
50
40
20
10
0
30
60
2.5
90
Input Voltage, VIN (A)
Quiescent Current vs. Input Voltage
Steady State
VIN=12V, VOUT=5V, ILOAD=0A
SW
VOUT
12VIN
24VIN
0
10
20
1.6
1.2
0.8
0.6
0.4
0.2
0
40
ISW
Power On
VIN=12V, VOUT=5V, ILOAD=0A
Power On
VIN=12V, VOUT=5V, IOUT=2A
SW
VOUT
VIN
IOUT
SW
VOUT
VIN
IOUT
0.5
2.0
30
1.4
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com