Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38251G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD38251G-SH2-R
Description  Cycle-by-Cycle Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38251G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD38251G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38251G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD38251
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R115-007.B
38V SYNCHRONOUS BUCK
CONVERTER
DESCRIPTION
The UTC UD38251 is a monolithic synchronous buck regulator.
The device integrates two internal power MOSFETs, and provides
2.5A of continuous load current over a wide input voltage of 8V to
38V. Current mode control provides fast transient response and
cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, provides
a very compact solution with minimal external components.
FEATURES
 
* Wide 8V to 38V Operating Input Range
* Integrated 140mΩ Power MOSFET Switches
* Output Adjustable from VFB(1.00V±2%) to 20V
* Up to 93% Efficiency
* Internal Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 160KHz Frequency
* Cycle-by-Cycle Over Current Protection
* Input Under/Over Voltage Lockout
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UD38251G-SH2-R
HSOP-8
Tape Reel
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
UD38251G-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UD38251G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38252G-SH2-R UTC-UD38252G-SH2-R Datasheet
285Kb / 7P
Stable with Low ESR Ceramic Output Capacitors
More results

Similar Description - UD38251G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE12140 SUNNYWAY-SWE12140 Datasheet
300Kb / 1P
Deep cycle battery
SWE12330 SUNNYWAY-SWE12330 Datasheet
567Kb / 1P
Deep cycle battery
SWE12400 SUNNYWAY-SWE12400 Datasheet
480Kb / 1P
Deep cycle battery
SWE12440 SUNNYWAY-SWE12440 Datasheet
447Kb / 1P
Deep cycle battery
SWE61800 SUNNYWAY-SWE61800 Datasheet
490Kb / 1P
Deep cycle battery
SWE61900 SUNNYWAY-SWE61900 Datasheet
464Kb / 1P
Deep cycle battery
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
Cycle by cycle peak current limit
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
Cycle-by-Cycle current limiting
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com