Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP1510HTL Datasheet(PDF) 13 Page - COSMO Electronics Corporation

Part # KP1510HTL
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTL Datasheet(HTML) 13 Page - COSMO Electronics Corporation

Back Button KP1510HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 9Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 10Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 11Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 12Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 13Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 14Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 13 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
 8-pin L Carrier Tape & Reel
12.35±0.10
11.50±0.10
24.00±0.30
12.00±0.10
4.00±0.10
2.00±0.10
1.75±0.10
TLD
Direction of feed from reel
24.40
30.40 Max.
+0.20
-0.00
:
Quantity
800pcs/reel
Unit:mm
TOLERANCE:±0.2mm
TRU
Direction of feed from reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com