Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP1510HTL Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP1510HTL
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTL Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP1510HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 5 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Switching Characteristics
(Ta = 25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay
time
“L→H”
tpLH
IF=7mA to 16mA
Rg=10Ω,Cg=10nF
F=10KHz,Duty Cycle=50%
0.1
0.3
0.5
us
“H→L”
tpHL
0.1
0.3
0.5
us
Pulse width distortion
tPhl- tpLH
PWD
—
—
0.3
us
Propagation delay difference
Between AnyTwo Parts or
Channels (tPhl- tPlh)
(7)
PDD
(Skew)
-0.35
—
0.35
us
Output rise time (10%-90%)
tr
—
0.1
—
us
Output fall time
tf
—
0.1
—
us
UVLO turn-on delay
TUVLO ON
IF =10mA, VO>5V
—
0.8
—
us
UVLO turn-off delay
TUVLO OFF IF =10mA, VO<5V
—
0.6
—
us
Common mode transient
immunity at high level output
∣CMH∣
TA=25 ,V
℃ CC=30V,
IF=10mA to 16mA VCM=1500V
(8)
25
35
—
KV / μs
Common mode transient
immunity at low level output
∣CML∣
TA=25 ,V
℃ CC=30V,
VF=0V VCM=1500V
(9)
25
35
—
KV / μs
Notes:
1. Maximum pulse width = 10μs, maximum duty cycle = 1.1%
2. Derate linearly above 87°C, free air temperature at a rate of 0.77mW/°C
3. No derating required across temperature range.
4. Functional operation under these conditions is not implied. Permanent damage may occur if the device is
subjected to conditions outside these ratings.
5. Device is considered a two terminal device: Pins 2 and 3 are shorted together and Pins 5, 6, 7 and 8 are shorted
together.
6. 5,000 VRMS for 1 minute duration is equivalent to 6,000 VACRMS for 1 second duration.
7. The difference between tPHL and tPLH between any two KP1510 parts under same test conditions.
8. Common mode transient immunity at output high is the maximum tolerable negative dVcm/dt on the trailing edge
of the common mode impulse signal, Vcm, to assure that the output will remain high (i.e. VO > 15.0V).
9. Common mode transient immunity at output low is the maximum tolerable positive dVcm/dt on the leading edge of
the common pulse signal, Vcm, to assure that the output will remain low (i.e. VO < 1.0V).
10. Pulse Width, PW 1μs, 300pps
11. Exponential Waveform, IO(PEAK) ≦2.5A (≦0.3μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com