Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE45C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AE45C
Description  HIGH SECURITY 16 BIT SMART CARD MICROCONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AE45C Datasheet(HTML) 1 Page - Renesas Technology Corp

  AE45C Datasheet HTML 1Page - Renesas Technology Corp AE45C Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AE45C
High Security 16-bit Smart Card Microcontroller
Features
32.5Kbytes EEPROM
96Kbytes ROM
4.5Kbytes RAM
1024-bit Coprocessor
Integrated Security Concept (ISC)
Applications
The AE45C designed under Renesas Technology ’ s
ISC is ideally suited for high security applications. The
ISC means that security is not an add-on feature to
standard modules or coressecurity has been built in
from the start forming an integral part of the whole
Smart Card design concept. The whole ISC process
(secure chip design environment, secured production
facilities and secure handling during shipment to the
customer) is constantly reviewed in order to maximise
the overall security package.
The AE45C has been certified under the Common
Criteria to EAL4+ using Protection Profile BSI-PP-
0002-2001.
Many security features such as integrated sensors,
distributed
layout,
Random
Number
Generation
(RNG), Watch Dog Timer (WDT), DES-Engine and
power analysis attack protection are all included
providing a
strong
on- chip
hardware
security
structure.
The AE45C fulfils the requirements of Smart Card
applications requiring large memory, high security and
high speed secure authentication, data encryption or
electronic signature. Examples include: Public Key
Infrastructure (PKI), Wireless Application Protocol
(WAP),
m-commerce,
digital
signature,
and
USIM/UMTS.
Where PKI is a core requirement, a high speed
Coprocessor is needed that can process arithmetical
data in a time frame that ensures a fast and free
flowing
application
environment.
The
AE45C
Coprocessor ensures the high performance required by
today’s high security applications.
The move from single to multi-application on a single
component is also rising due in part to new systems
such as WAP and m-commerce. This requires not only
additional memory for application data storage but also
features such as Firewall Management Units (FMU) in
order to provide data integrity between applications.
Applications such as WAP and m-commerce are
continually expanding in scope and consequently the
need for greater memory storage for both data and
program code is constantly increasing. The AE45C
provides a significant increase in ROM for program
storage over previous devices whilst ensuring a
balance of EEPROM for data storage.
Uniquely, Renesas Smart Card devices are fabricated
using a MONOS (Metal Oxide Nitride Oxide Silicon)
EEPROM structure. MONOS advantages compared to
standard EEPROM structures are: high resistance to
radiation disturbance; high reliability; and endurance.
A high performance Coprocessor is complementary to
the design concept ensuring final operating system
efficiency, application integrity and performance that
meet tomorrow’s needs today.


Similar Part No. - AE45C

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE458RFW COILCRAFT-AE458RFW Datasheet
233Kb / 3P
OutgassingCompliantWidebandTransformers
More results

Similar Description - AE45C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
8-BIT MICROCONTROLLER for SMART CARD
logo
List of Unclassifed Man...
HMS88T1932 ETC1-HMS88T1932 Datasheet
71Kb / 2P
New 80C52 Based High Security Smart Card IC
HMS88T2564 ETC1-HMS88T2564 Datasheet
71Kb / 2P
New 80C52 Based High Security Smart Card IC
HMS88T4804 ETC1-HMS88T4804 Datasheet
71Kb / 2P
New 80C52 Based High Security Smart Card IC
logo
ATMEL Corporation
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
8-bit Microcontroller for Smart Card Readers
logo
Maxim Integrated Produc...
MAXQ7665A MAXIM-MAXQ7665A Datasheet
480Kb / 47P
16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Rev 1; 10/08
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
logo
Maxim Integrated Produc...
MAXQ7666 MAXIM-MAXQ7666 Datasheet
2Mb / 49P
16-Bit, RISC, Microcontroller-Based, Smart Data-Acquisition System
Rev 0; 8/08
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com