Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE45C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AE45C
Description  HIGH SECURITY 16 BIT SMART CARD MICROCONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AE45C Datasheet(HTML) 2 Page - Renesas Technology Corp

  AE45C Datasheet HTML 1Page - Renesas Technology Corp AE45C Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Process
Power
0.35µm CMOS process
Single voltage power supply
4.5V to 5.5V
CPU
2.7V to 3.3V
AE-4 High performance 16-bit CPU
16Mbytes Linear Address Space
Clock Frequency Range
External Clock Input
Minimum Instruction Timing
fCLK = 1MHz to 10MHz (Vcc = 4.5V to 5.5V )
0.25µs for 32-bit addition
fCLK = 1MHz to 5MHz (Vcc = 2.7V to 3.3V)
1.75µs for 16 x 16-bit multiplication
Internal Clock application can select external clock frequency or
half external clock frequency as internal operation frequency.
EEPROM
MONOS (Metal Oxide Nitride Oxide Silicon) EEPROM Process
Operating Temperature Range
32 Kbytes
standard -25 to + 85°C
512 Bytes EXTRA
Easy EEPMOV write by single instruction
Shipping Form 8 inch wafer
Read, write and erase of EEPROM Byte by Byte
Sawn wafer, unsawn wafer and Chip on Tape (COT) Module
1 to 64 Bytes programming with one instruction
Protected against accidental writing and erasing
Data retention minimum 10 years
EEPROM programming voltage generated onchip
Endurance: greater than 100,000 times
Erase time: 2ms max
Write time: 4ms max
Overwrite time: 2ms max
ROM
96 Kbytes
RAM
4 Kbytes
Peripherals
Security sensors
DES-Engine, Minimum execution time is 18 clock cycle
Watchdog Timer supports real time OS & applications with exact
time measurements
Random Number Generator
Firewall Management Unit
PLL
Coprocessor
1024-bit Key length
512 Bytes RAM
RSA/ECC Cryptography
www.renesas.com/smartcard
June 2003
Block Diagram
For further information on Renesas Technology’s Smart Card products and
services including details of sales offices in your region, please visit:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com