Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F20 Datasheet(PDF) 1 Page - XP Power Limited

Part # F20
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F20 Datasheet(HTML) 1 Page - XP Power Limited

  F20 Datasheet HTML 1Page - XP Power Limited F20 Datasheet HTML 2Page - XP Power Limited F20 Datasheet HTML 3Page - XP Power Limited F20 Datasheet HTML 4Page - XP Power Limited F20 Datasheet HTML 5Page - XP Power Limited F20 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0
20
40
60
80
100
120
140
t
0102030405060708090
100
Input Voltage (%)
Output Voltage vs. Input Voltage
Full-load
No-load
4722AV03
PAGE 1
WWW.XPPOWER.COM
200V to 8kV at 10W
PRODUCT DESCRIPTION
Proven
Reliability
MODEL
OUTPUT
VOLTAGE*2
OUTPUT
CURRENT*1
F02
0 to 200V
50 mA
F03
0 to 300V
33.3 mA
F04
0 to 400V
25 mA
F05
0 to 500V
20 mA
F06
0 to 600V
16 mA
F08
0 to 800V
12.5 mA
F10
0 to 1kV
10 mA
F12
0 to 1.2kV
8.3 mA
F15
0 to 1.5kV
6.6 mA
F20
0 to 2kV
5 mA
F30
0 to 3kV
3.3 mA
F40
0 to 4kV
2.5 mA
F50
0 to 5kV
2 mA
F60
0 to 6kV
1.66 mA
F70
0 to 7kV
1.5 mA
F80
0 to 8kV
1.25 mA
F SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
APPLICATIONS
OPTIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Metal Case / Shielded Transformer
• Short Circuit Protection
• Low Ripple, Low EMI / RFI
• Proven Reliability
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >810K hrs per Bellcore TR-332
• RoHS Compliant
• Electrophoresis
• Capacitor Charging
• Piezo Devices
• Field Generation
• Grid Bias
• Mass Spectrometry
• Electrostatic Chuck
• Igniter / Spark Module
• Sustaining Ion Pumps
• Dual output (Center Tap) Models Available (CT Suffix)
• Mounting Holes (F02 thru F60 only)(H Suffix)
The F Series is a broad line of robust, field-proven DC to HV
DC converters which deliver 10 Watts continuous output power.
Outputs range from 200V to 8kV. The input and output are
galvanically isolated so a unit can be used to deliver a positive
or negative high-voltage. The output voltage is proportional to
input voltage with a low 0.7V typical turn-on voltage. The F Series
employs EMCO’s quasi-sinewave oscillator, a fully enclosed
transformer, input and output filtering, and a 5-sided metal
enclosure. As a result, these modules exhibit very low EMI/RFI,
noise and ripple. A dual output option with center-tap pin which,
when grounded provides both positive and negative outputs from
one compact module.


Similar Part No. - F20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F20 SEMTECH-F20 Datasheet
121Kb / 3P
RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results

Similar Description - F20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com