Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0805-R18 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-0805-R18
Description  WIRE WOUND INDUCTOR - CERAMIC or FERRITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0805-R18 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-0805-R18 Datasheet HTML 1Page - Abracon Corporation AISC-0805-R18 Datasheet HTML 2Page - Abracon Corporation AISC-0805-R18 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART IDENTIFICATION:
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
AISC-0805(F)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
2.29 x 1.73 x 1.55mm
Revised: 09.09.14
Pb RoHS/RoHS II compliant
*Ceramic core only
AISC-0805
-
-
Inductance Tolerance
G: ±2%*
J: ±5%
K: ±10%
M: ±20%
Inductance Code
Please refer to the
table above
Core Material
Blank: Ceramic
F: Ferrite
Packaging
T: Tape and Reel
(2kpcs / reel)
OUTLINE DRAWING:
Dimension: inches / mm
Part Number
L(nH)
@Test Freq.
Tolerance
(±%)
Q, Min
@Test Freq.
SRF Min
(MHz)
RDC Max
( Ω )
IDC Max
(mA)
AISC-0805F-100
10000@2.5MHz
5,10,20
10@2.5MHz
30
4.70
98
AISC-0805F-150
15000@2.5MHz
5,10,20
10@2.5MHz
23
6.50
80
AISC-0805F-220
22000@2.5MHz
5,10,20
10@2.5MHz
20
8.00
68
AISC-0805F-330
33000@2.5MHz
5,10,20
10@2.5MHz
17
10.7
60
AISC-0805F-470
47000@2.5MHz
5,10,20
10@2.5MHz
14
13.8
55
AISC-0805F-680
68000@2.5MHz
5,10,20
8@2.5MHz
11
17.5
40
Test Conditions
Inductance (L): Agilent4287A+Agilent16197A or equivalent, 50mV
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Temperature rise current (Ir): Electric Power, Electric current meter, Thermometer
Irms: Based on temperature rise (∆ T : 20 oC TYP. )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com