Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0805-R18 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-0805-R18
Description  WIRE WOUND INDUCTOR - CERAMIC or FERRITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0805-R18 Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-0805-R18 Datasheet HTML 1Page - Abracon Corporation AISC-0805-R18 Datasheet HTML 2Page - Abracon Corporation AISC-0805-R18 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAPE & REEL:
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
AISC-0805(F)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
2.29 x 1.73 x 1.55mm
Revised: 09.09.14
Pb RoHS/RoHS II compliant
REFLOW PROFILE:
Gradual Cooling
255˚C
90± 30sec.
20~40sec.
200˚C
150˚C
190˚C
240˚C
Max: 255˚C
T= tape and reel (2,000pcs/reel)
T
K
4.0± 0.1
A
B
4.0± 0.1
2.0± 0.05
Chip Cavity
Sprocket Hole Φ1.5 (+0.1,0)
Direction of Feed
50
Type
A
B
K
T
2012
1.88±0.2
2.4±0.2
1.35±0.2
0.22±0.1
9
±
0
.
3
C
9±1.5mm
4.3±0.2mm
58±2.0mm
178±2.0mm
4.0±0.1mm
5.0±0.1mm
3.0.0±0.1mm
2.0±0.1mm
12.8±0.1mm
Dimension: mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com