Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285L Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ3285L
Description  Y2K-Enhanced Real-Time Clock (RTC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285L Datasheet(HTML) 1 Page - Texas Instruments

  BQ3285L Datasheet HTML 1Page - Texas Instruments BQ3285L Datasheet HTML 2Page - Texas Instruments BQ3285L Datasheet HTML 3Page - Texas Instruments BQ3285L Datasheet HTML 4Page - Texas Instruments BQ3285L Datasheet HTML 5Page - Texas Instruments BQ3285L Datasheet HTML 6Page - Texas Instruments BQ3285L Datasheet HTML 7Page - Texas Instruments BQ3285L Datasheet HTML 8Page - Texas Instruments BQ3285L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Features
® ACPI-compliant day-of-month
alarm
® Y2K century bit
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® 2 index shadow registers
® 2.7–5.5V operation
® 240 bytes of general nonvolatile
storage
® Dedicated 32.768kHz output pin
® System wake-up capability—
alarm interrupt output active in
battery-backup mode
® Less than 0.55
µA load under bat-
tery operation
® Selectable Intel or Motorola bus
timing
® 24-pin plastic SSOP
General Description
The CMOS bq3285LF is a low-power
microprocessor peripheral providing
a time-of-day clock and 100-year cal-
endar with alarm features and bat-
tery operation. The architecture is
based on the bq3285 RTC with added
features: century bit, low-voltage op-
eration, 32.768kHz output, 126 addi-
tional bytes of CMOS, two shadow
registers of last address used, and a
day-of-month alarm to be compliant
with the ACPI RTC specification.
A 32.768kHz output is available for
sustaining power-management ac-
tivities. The bq3285LF 32kHz out-
put is always on whenever VCC is
valid. In VCC standby mode, the
32kHz is active, and the bq3285LF
typically draws 100
µA. Wake-up ca-
pability is provided by an alarm in-
terrupt, which is active in battery-
backup mode. In battery-backup
mode, current drain is less than
550nA.
The bq3285LF write-protects the
clock, calendar, and storage registers
during power failure.
A backup
battery then maintains data and oper-
ates the clock and calendar.
The bq3285LF is a fully compatible
real-time
clock
for
IBM
AT-
compatible computers and other ap-
plications. The only external compo-
nents are a 32.768kHz crystal and a
backup battery.
The bq3285LF is intended for use in
3V systems; however, it may also op-
erate at 5V and then go into a 3V
power-down state, write-protecting
as if in a 3V system.
Y2K-Enhanced
Real-Time Clock (RTC)
bq3285LF
1
PN3285ED/LD.eps
24-Pin SSOP
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
32k
EXTRAM
BC
INT
RST
DS
VSS
R/W
AS
CS
MOT
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
RCL
Pin Connections
Pin Names
6/99 B
AD0–AD7
Multiplexed address/
data input/output
MOT
Bus type select input
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request output
RST
Reset input
32K
32.768kHz output
EXTRAM
Extended RAM enable
RCL
RAM clear input
BC
3V backup cell input
X1–X2
Crystal inputs
VCC
Supply voltage input
VSS
Ground


Similar Part No. - BQ3285L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285L TI2-BQ3285L Datasheet
1Mb / 31P
Real-Time Clock (RTC)
23-May-2025
BQ3285LC TI-BQ3285LC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285LCSS TI-BQ3285LCSS Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285LCSS- TI-BQ3285LCSS- Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285LCSSTR TI-BQ3285LCSSTR Datasheet
831Kb / 26P
Real-Time Clock (RTC)
More results

Similar Description - BQ3285L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
Real Time Clock (RTC)
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
Real-Time Clock(RTC)
logo
Texas Instruments
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com