Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-310 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-310
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-310 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW3101-310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
8
State 1
In State 1, the path from port J0 to J1 is in its low
insertion loss condition. The paths from port J0 to
port J2, and port J0 to port J3, are in their high
isolation states. In State 1, the control voltage
applied to CTL 1 is TTL-logic high, and the control
voltages applied to CTL 2 and CTL 3 are TTL-logic
low. CTL 1 logic forward biases the series PIN
diode between the J0 and J1 ports by applying 0 V
to the J1 bias input port (P1-J1), CTL2 & CTL 3 will
re-verse bias the series diodes connected from port
J0 to port J2, and from port J0 to port J3. The
magnitude of the resultant bias current through the
forward-biased diode is primarily determined by the
voltage applied to the J0 bias port (P1-J0)
(5 V nominal), the magnitude of the forward voltage
across the PIN diode and the resistance of R1.
This current is nominally 100 mA. At the same
time, the shunt PIN diodes connected between port
J2 and B2 and between port J3 and B3 are also
forward biased by applying a high bias voltage,
nominally 28 V, to the J2 and J3 bias ports (P1-J2,
P1-J3) and 0 V to the B2 and B3 bias ports (P1-B2,
P1-B3). The magnitudes of the bias currents
through these diodes are primarily determined by
the voltage applied to the J2 and J3 bias ports, the
magnitudes of the forward voltage across each of
the PIN diodes and the resistances of R4 and R5.
These currents are nominally 25 mA each. Under
this condition, the series PIN diodes connected
between the J0 and J2 ports, between the J0 and
J3 ports and the shunt diode between J1 and B1
are each reverse biased. The reverse bias voltage
applied to non-conducting diodes must be suffi-
ciently large to maintain each diode in its non- con-
ducting, high impedance state when a large RF
signal voltage may be present. For example, as-
sume a large RF signal is present in the J0- to-J1
path. The reverse
bias voltage across each of the series diodes in the
other paths is the arithmetic difference of the bias
voltage applied to the J2 bias port or J3 bias port
and the DC forward voltage of the forward-biased
J0-to-J1 series PIN diode. The minimum voltage
required to maintain the series diode between ports
J0 and J2 and the series diode between ports J0
and J3 out of conduction is a function of the magni-
tude of the RF voltage present, the standing wave
present at the se-ries diode’s anode, the frequency
of the RF signal and the characteristics of the se-
ries diode, among other factors. The minimum re-
verse bias voltage may be calculated as described
in the “Minimum Reverse Bias Voltage” section.
Truth Table
SP3T Switch Operation with PIN Diode Driver (MPDT3T28125-701) Interface
Path
J0 - J1
Path
J0 - J2
Bias:
J1
Bias:
J2
Bias:
J2
Bias:
B1
Path
J0 - J2
Bias:
B2
Bias:
B3
Bias:
J0
CTRL
1
CTRL
2
CTRL
3
RF
State
Low
Loss
High
Isolation
0 V,
-100 mA
+27 V,
0 mA
+27 V,
0 mA
+27 V,
0 mA
High
Isolation
0 V,
-25 mA
0 V,
-25 mA
+5 V,
+100 mA
VHIGH
VLOW
VLOW
1
High
Isolation
Low
Loss
+27 V,
0 mA
0 V,
-100 mA
+27 V,
0 mA
0 V,
-25 mA
High
Isolation
+27 V,
0 mA
0 V,
-25 mA
+5 V,
+100 mA
VLOW
VHIGH
VLOW
2
High
Isolation
High
Isolation
+27 V,
0 mA
+27 V,
0 mA
0 V,
-100 mA
0 V,
-25 mA
Low
Loss
0 V,
-25 mA
+27 V,
0 mA
+5 V,
+100 mA
VLOW
VLOW
VHIGH
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com