Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW3101-310 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MSW3101-310
Description  SP3T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW3101-310 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MSW3101-310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW3101-310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SP3T PIN Diode Switch
Rev. V1
MSW310x-310
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
3
1. PIN diode DC reverse voltage to maintain high resistance in the OFF PIN diode is determined by RF frequency, incident power, and VSWR
as well as by the characteristics of the diode. The minimum reverse bias voltage values are provided in this datasheet. The input signal
level applied for small signal testing is approximately 0 dBm.
2. Switching Speed ( 50 % TTL – 10/90 % RF Voltage ) is a function of the PIN diode driver performance as well as the characteristics of the
diode. An RC “current spiking network” is used on the driver output to provide a transient current to rapidly remove stored charge from the
PIN diode. Typical component values are: R = 50 to 220 Ω and C = 470 to 1,000 pF. MACOMs MPD3T28125-700 is the recommended PIN
diode driver to interface with the MSW3100-310, MSW3101-310 SP3T switches.
Truth Table
Port
J0 - J1
Port
J0 - J2
Bias: J1
Bias: J2
Bias: J2
Bias: B1
Port
J0 - J3
Bias: B2
Bias: B3
Bias: J0
Low Loss
Isolation
0 V,
-100 mA
+27 V,
0 mA
+27 V,
0 mA
+27 V,
0 mA
Isolation
0 V,
-25 mA
0 V,
-25 mA
+5 V,
+100 mA
Isolation
Low Loss
+27 V,
0 mA
0 V,
-100 mA
+27 V,
0 mA
0 V,
-25 mA
Isolation
+27 V,
0 mA
0 V,
-25 mA
+5 V,
+100 mA
Isolation
Isolation
+27 V,
0 mA
+27 V,
0 mA
0 V,
-100 mA
0 V,
-25 mA
Low Loss
0 V,
-25 mA
+27 V,
0 mA
+5 V,
+100 mA
RF Bias Network Component Values
Part #
Frequency (MHz)
Inductors
DC Blocking Capacitors RF Bypass Capacitors
MSW3100-310
50 - 1000
4.7 µH
0.1 µF
0.1 µF
MSW3101-310
400 - 4000
82 nH
22 pF
270 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com