Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02067 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02067
Description  Rise and fall times <150 ps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
11
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
Figure 3-3.
Fibre Channel 1.0625 Gbps Electrical Eye Diagram
Figure 3-4.
Gigabit Ethernet 1.25 Gbps Electrical Eye Diagram
Fibre Channel 1.0625 Gbps
30 mApp Modulation Current
Gigabit Ethernet
1.25 Gbps
30 mApp Modulation Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com