Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02067 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02067
Description  Rise and fall times <150 ps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
13
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
There are two safety features integrated into the MPC loop; an Over-Current Alarm and an MPC loop failure alarm.
The Over-Current Alarm (OCA) circuit limits the maximum bias current generated by the M02067. The bias current
limit is set by an external resistor to ground, ROCA. When this limit is exceeded the OCA pin is asserted LOW.
Figure 3-7 shows the maximum bias current limit vs ROCA.
Figure 3-6.
Bias Current vs. RMPCSET
Figure 3-7.
Maximum Bias Current vs. ROCA
0
20
40
60
80
100
120
0
5000
10000 15000
20000 25000 30000 35000
RMPCSET Ω
-40
0
25
50
85
Symbols shown indicate °C
0
10
20
30
40
50
60
70
80
90
100
0
10000
20000
30000
40000
ROCA (Ω )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com