Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZB600-19-6-R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MZB600-19-6-R
Description  Zero Bias Detector Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MZB600-19-6-R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MZB600-19-6-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Zero Bias Detector Diode
Rev. V1
MZB600
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0014119
1
Parameter
Test Conditions
Unit
Min.
Typ.
Max.
Breakdown Voltage (VB)
IR = 100 µA
V
3
—
—
Forward Voltage (VF)
IF = 1 mA
mV
—
—
300
Video Resistance (RV)
IF = 75 mA, 1 GHz
Ω
—
3500
—
Junction Capacitance (CJ)
VR = 0 V, 1 MHz
pF
—
0.2
—
Electrical Specifications: TA = +25°C
Features
 Very Low Forward Voltage: 300 mV max. @ 1 mA
 Low Tangential Signal Sensitivity: -42 dBm
 Low Junction Capacitance: 0.2 pF
 High Breakdown Voltage: 3 V
 Available in Beam Lead, Multi-Junction Chip or
Packaged
 RoHS* Compliant
Description
The MZB600 zero bias detector (ZBD) diode is a
sensitive, very low barrier height Schottky diode
designed for use in high frequency, low input power
detectors. Its very low barrier height results in
excellent sensitivity to very small signals without the
need for external bias current. This diode is available
as a five-junction common-anode chip, as a single-
junction beam lead or packaged in one of several
suitable packages. It is manufactured using a proven
diode fabrication process which optimizes diode
characteristics for optimal electrical performance and
excellent reliability.
The low junction capacitance (0.2 pF typical) enables
the device to be used in sensitive detector circuits
with input signals up to 20 GHz.
This rugged device is capable of reliable operation in
all military, commercial and industrial applications.
Ordering Information1
Part Number
Package
MZB600-C15P-W
chip (400 pc. waffle pack)
MZB600-B11-GP
beam lead (100 pc. GelPak™)
MZB600-19-6-W
CS19-6 (100 pc. waffle pack)
MZB600-19-6-R
CS19-6 (3000 pc. Reel)
MZB600-32-W
CS32 (100 pc. waffle pack)
1. Contact the factory for other packaging options.


Similar Part No. - MZB600-19-6-R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MZBD-9161 MA-COM-MZBD-9161 Datasheet
523Kb / 3P
Zero Bias Beamlead Detector Diode
More results

Similar Description - MZB600-19-6-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA40186 MACOM-MA40186 Datasheet
259Kb / 3P
Zero Bias Detector Diodes
MA4E931Z2-1261A MACOM-MA4E931Z2-1261A Datasheet
32Kb / 2P
Schottky Zero Bias Detector Diode
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
Schottky Zero Bias Detector Diode
MADS-011010-1419-V1 MA-COM-MADS-011010-1419-V1 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MA4E929 MA-COM-MA4E929 Datasheet
41Kb / 1P
Schottky Zero Bias Detector Diodes
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A_15 Datasheet
423Kb / 2P
Schottky Zero Bias Detector Diode
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011030-14280W MA-COM-MADS-011030-14280W Datasheet
537Kb / 3P
Schottky Zero Bias Detector Diode
MZBD-9161 MA-COM-MZBD-9161 Datasheet
523Kb / 3P
Zero Bias Beamlead Detector Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com