Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZB600-19-6-R Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MZB600-19-6-R
Description  Zero Bias Detector Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MZB600-19-6-R Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MZB600-19-6-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MZB600-19-6-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zero Bias Detector Diode
Rev. V1
MZB600
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0014119
2
Environmental Capabilities
The MZB600 ZBD Diode is capable of meeting the
environmental requirements of MIL-STD-750 and
MIL-STD-883.
ESD & Moisture Sensitivity Level Rating
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by
static
electricity.
Proper
ESD
prevention
procedures should be followed. The ESD rating for
this device is Class 0 (HBM).
Assembly Instructions
Die attach of the common anode chip diodes may be
accomplished with eutectic solders, such as
80 Au / 20 Sn, or conductive epoxy. The leads of the
beam lead device may be attached to a hybrid circuit
using thermo compression bonding or conductive
epoxy.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Forward DC Current
100 mA
Reverse DC Voltage
3 V
Total Dissipated Power2
100 mW
Junction Temperature
+150°C
Operating Temperature
-55°C to +150°C
Storage Temperature
-65°C to +200°C
2. Infinite heat sink, TC = 25°C. Derate power linearly from 750
mW @ 85°C to 0 W @ 175°C.
CS10 / C15P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com