Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7748 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC7748
Description  58 dB typical small signal gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7748 Datasheet(HTML) 6 Page - Analog Devices

  HMC7748 Datasheet HTML 1Page - Analog Devices HMC7748 Datasheet HTML 2Page - Analog Devices HMC7748 Datasheet HTML 3Page - Analog Devices HMC7748 Datasheet HTML 4Page - Analog Devices HMC7748 Datasheet HTML 5Page - Analog Devices HMC7748 Datasheet HTML 6Page - Analog Devices HMC7748 Datasheet HTML 7Page - Analog Devices HMC7748 Datasheet HTML 8Page - Analog Devices HMC7748 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HMC7748
Data Sheet
Rev. 0 | Page 6 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. S-Parameters vs. Frequency at 25°C
Figure 4. Small Signal Gain vs. Frequency for Various Temperatures
Figure 5. P1dB vs. Frequency for Various Temperatures
Figure 6. Saturated Power (PSAT) vs. Frequency for Various Temperatures
FREQUENCY (GHz)
–40
–20
0
+20
+40
+60
+80
0
2
4
6
8
10
S11
S21
S22
FREQUENCY (GHz)
50
52
54
56
58
60
62
64
66
68
70
2
3
4
5
6
–40°C
+25°C
+70°C
FREQUENCY (GHz)
2
3
4
5
6
–40°C
+25°C
+70°C
25
27
29
31
33
35
37
39
41
43
45
FREQUENCY (GHz)
2
3
4
5
6
–40°C
+25°C
+70°C
40
41
42
43
44
45
46
47
48
49
50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com