Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7748 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC7748
Description  58 dB typical small signal gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7748 Datasheet(HTML) 7 Page - Analog Devices

  HMC7748 Datasheet HTML 1Page - Analog Devices HMC7748 Datasheet HTML 2Page - Analog Devices HMC7748 Datasheet HTML 3Page - Analog Devices HMC7748 Datasheet HTML 4Page - Analog Devices HMC7748 Datasheet HTML 5Page - Analog Devices HMC7748 Datasheet HTML 6Page - Analog Devices HMC7748 Datasheet HTML 7Page - Analog Devices HMC7748 Datasheet HTML 8Page - Analog Devices HMC7748 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
HMC7748
Rev. 0 | Page 7 of 9
Figure 7. Output IP3 vs. Frequency for Various Temperatures
Figure 8. Noise Figure (NF) vs. Frequency for Various Temperatures
Figure 9. Power Compression at 4 GHz
FREQUENCY (GHz)
2
3
4
5
6
–40°C
+25°C
+70°C
44
45
46
47
48
49
50
51
52
FREQUENCY (GHz)
2
3
4
5
6
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–40°C
+25°C
+70°C
INPUT POWER (dBm)
0
10
20
30
40
50
60
70
–40
–35
–30
–25
–20
–15
–10
–5
POUT (dBm)
GAIN (dB)
PAE (%)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com