Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC558ALC3BTR-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC558ALC3BTR-R5
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC558ALC3BTR-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC558ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
DOWNCONVERTER PERFORMANCE
Data taken as downconverter, upper sideband (low-side LO), TA = 25°C, LO drive level = 15 dBm unless otherwise specified.
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 7. Conversion Gain vs. RF Frequency at Various Temperatures,
IF = 100 MHz
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 8. Input IP3 vs. RF Frequency at Various Temperatures,
IF = 100 MHz
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 9. Conversion Gain vs. RF Frequency at Various Temperatures,
IF = 2 GHz
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
Figure 10. Conversion Gain vs. RF Frequency at Various LO Powers,
IF = 100 MHz
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
Figure 11. Input IP3 vs. RF Frequency at Various LO Powers,
IF = 100 MHz
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
Figure 12. Conversion Gain vs. RF Frequency at Various LO Powers,
IF = 2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com