Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC558ALC3BTR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC558ALC3BTR-R5
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC558ALC3BTR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC558ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC558ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 14 of 15
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
9
8
7
1
2
3
45
6
12
11
10
LO
RF
IF
Figure 34. Typical Application Circuit
EVALUATION BOARD INFORMATION
The circuit board used in an application must use RF circuit
design techniques. Signal lines must have 50 Ω impedance, and
the package ground leads and exposed pad must be connected
directly to the ground plane, similarly to that shown in Figure 35.
Use a sufficient number of via holes to connect the top and
bottom ground planes. The evaluation circuit board shown in
Figure 35 is available from Analog Devices, Inc., upon request.
J2
J1
J3
U1
IF
RF
LO
Figure 35. HMC558A Evaluation Board Top Layer
Table 5. Bill of Materials for the EV1HMC558ALC3B Evaluation Board
Level
Item
Part Number
Quantity
Reference Designator
Description
1
1
117611-1
1
PCB, evaluation board
1
2
104935
2
J1 to J2
2.92 mm connector, SRI
1
3
105192
1
J3
SMA connector, Johnson
1
4
HMC558ALC3B
1
U1
Device under test (DUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com