Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34721 Datasheet(PDF) 33 Page - ams AG

Part # TCS34721
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34721 Datasheet(HTML) 33 Page - ams AG

Back Button TCS34721 Datasheet HTML 29Page - ams AG TCS34721 Datasheet HTML 30Page - ams AG TCS34721 Datasheet HTML 31Page - ams AG TCS34721 Datasheet HTML 32Page - ams AG TCS34721 Datasheet HTML 33Page - ams AG TCS34721 Datasheet HTML 34Page - ams AG TCS34721 Datasheet HTML 35Page - ams AG TCS34721 Datasheet HTML 36Page - ams AG TCS34721 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ams Datasheet
Page 33
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Soldering & Storage Information
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is dry-baked prior to
being packed for shipping. Devices are packed in a sealed
aluminized envelope called a moisture barrier bag with silica
gel to protect them from ambient moisture during shipping,
handling, and storage before use.
The Moisture Barrier Bags should be stored under the following
conditions:
• Temperature Range < 40°C
• Relative Humidity < 90%
• Total Time - No longer than 12 months from the date code
on the aluminized envelope if unopened.
Rebaking of the reel will be required if the devices have been
stored unopened for more than 12 months and the Humidity
Indicator Card shows the parts to be out of the allowable
moisture region.
Opened reels should be used within 168 hours if exposed to the
following conditions:
• Temperature Range < 30°C
• Relative Humidity < 60%
If rebaking is required, it should be done at 50°C for 12 hours.
The FN package has been assigned a moisture sensitivity level
of MSL 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com