Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34721 Datasheet(PDF) 34 Page - ams AG

Part # TCS34721
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34721 Datasheet(HTML) 34 Page - ams AG

Back Button TCS34721 Datasheet HTML 30Page - ams AG TCS34721 Datasheet HTML 31Page - ams AG TCS34721 Datasheet HTML 32Page - ams AG TCS34721 Datasheet HTML 33Page - ams AG TCS34721 Datasheet HTML 34Page - ams AG TCS34721 Datasheet HTML 35Page - ams AG TCS34721 Datasheet HTML 36Page - ams AG TCS34721 Datasheet HTML 37Page - ams AG TCS34721 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Ordering & Contac t Information
Figure 41:
Ordering Information
Note(s):
1. Contact ams for availability.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Device
Address
Package-Leads
Interface Description
Ordering Number
TCS34721(1)
0x39
FN−6
I²C VBUS = VDD Interface
TCS34721FN
TCS34723(1)
0x39
FN−6
I²C VBUS = 1.8 V Interface
TCS34723FN
TCS34725
0x29
FN−6
I²C VBUS = VDD Interface
TCS34725FN
TCS34727
0x29
FN−6
I²C VBUS = 1.8 V Interface
TCS34727FN
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com