Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC36451G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCC36451G-SH2-R
Description  CMOS IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCC36451G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCC36451G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 7Page - Unisonic Technologies UCC36451G-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCC36451
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R115-014.A
36V 4.5A SYNCHRONOUS
BUCK CONVERTER WITH 2CH
CC/CV
DESCRIPTION
The UTC UCC36451 is a monolithic synchronous buck
regulator. The device integrates internal high side and external low
side power MOSFETs, and provides 4.5A of continuous load
current over a wide input voltage. Current mode control provides
fast transient response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, and
provides a very compact solution with minimal external
components.
FEATURES
* Wide 8V~36V Operating Input Range
* Integrated 75mΩ high side Power MOSFET Switches
* Output Adjustable: VFB (1.00V±2%).
* Up to 95% Efficiency
* Internal Soft-Start and Fixed 160KHz Frequency
* Stable with Low ESR Ceramic Output Capacitors
* Cycle-by-Cycle Over Current Protection
* Input Under/Over Voltage Lockout
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UCC36451G-SH2-R
HSOP-8
Tape Reel
MARKING


Similar Part No. - UCC36451G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3626 TI-UCC3626 Datasheet
209Kb / 15P
Brushless DC Motor Controller
UCC3626 TI2-UCC3626 Datasheet
466Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
REVISED JANUARY 2002
UCC3626DW TI1-UCC3626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
UCC3626DW TI1-UCC3626DW Datasheet
688Kb / 23P
BRUSHLESS ESS DC MOTOR CONTROLLER
UCC3626DW TI2-UCC3626DW Datasheet
466Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
REVISED JANUARY 2002
More results

Similar Description - UCC36451G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com