Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCR2050G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCR2050G-AB3-R
Description  CURRENT REGULATIVE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCR2050G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCR2050G-AB3-R Datasheet HTML 1Page - Unisonic Technologies UCR2050G-AB3-R Datasheet HTML 2Page - Unisonic Technologies UCR2050G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UCR2050
CURRENT REGULATIVE DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
Ver.A
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Operating Voltage
POV
100
V
Power Dissipation
PD
0.5
W
Operating Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-89
43
°C/W
Typical Thermal Resistance
TO-252
θJC
6
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
Test Voltage
Pinch-off current
Limiting Current
IP (mA)
(V)
MIN.
TYP.
MAX.
VK (V)
IK (mA)
Limiting Current Ratio
I30V / IP
10
17.0
20.5
24.0
≦
4
0.8 IP
≦
1.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com