Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCR2050G-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCR2050G-AB3-R
Description  CURRENT REGULATIVE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCR2050G-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCR2050G-AB3-R Datasheet HTML 1Page - Unisonic Technologies UCR2050G-AB3-R Datasheet HTML 2Page - Unisonic Technologies UCR2050G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCR2050
CURRENT REGULATIVE DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2016 Unisonic Technologies Co., Ltd
Ver.A
CURRENT REGULATOR
DIODES
DESCRIPTION
The UTC UCR2050 is a CRD diode, which supplies constant
current to an electric circuit, even if the power supply voltage
fluctuations or load impedance fluctuations occur, can steady a
current at a fixed value.
CRD diode is used for current stabilization and current limiting.
FEATURES
* Than 1V or less low voltage constant current implementation
* Maximum voltage of 100V or more
* Good frequency response characteristics
* AC equivalent impedance is high
* Negative temperature coefficient
* Low start-up voltage
* DC equivalent impedance is low
SYMBOL
SOT-89
1
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
UCR2050G-AB3-R
SOT-89
K
K
A
Tape Reel
UCR2050L-TN3-R
UCR2050G-TN3-R
TO-252
K
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
MARKING
SOT-89
TO-252


Similar Part No. - UCR2050G-AB3-R

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
UCR20-100MHB HOKURIKU-UCR20-100MHB Datasheet
62Kb / 1P
Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MHV HOKURIKU-UCR20-100MHV Datasheet
62Kb / 1P
Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MKB HOKURIKU-UCR20-100MKB Datasheet
62Kb / 1P
Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MKV HOKURIKU-UCR20-100MKV Datasheet
62Kb / 1P
Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MMB HOKURIKU-UCR20-100MMB Datasheet
62Kb / 1P
Flat Type Ultra-High Resistance Chip Resistor
More results

Similar Description - UCR2050G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
logo
Semicoa Semiconductor
S-102T SEMICOA-S-102T Datasheet
605Kb / 3P
CURRENT REGULATIVE DIODE
logo
List of Unclassifed Man...
S-272T ETC2-S-272T Datasheet
605Kb / 3P
CURRENT REGULATIVE DIODE
logo
E-CMOS Corporation
ECCR203NS E-CMOS-ECCR203NS Datasheet
240Kb / 5P
300mW Surface Mount Current Regulative Diodes - 20mA
ECCR503AS E-CMOS-ECCR503AS Datasheet
317Kb / 5P
1200mW Surface Mount Current Regulative Diodes - 50mA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com