Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR Datasheet(PDF) 1 Page - XP Power Limited

Part # STR
Description  Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

STR Datasheet(HTML) 1 Page - XP Power Limited

  STR Datasheet HTML 1Page - XP Power Limited STR Datasheet HTML 2Page - XP Power Limited STR Datasheet HTML 3Page - XP Power Limited STR Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.1 S
S SEATING
PLANE
0~4
TOP View
12
3
4
5
10 9
8
7
6
0.60 (15.3)
0
0.02
(0.55)
0.02
(0.44)
0.10x4
(2.54x4)
0.10
(2.57)
0.05 (1.30)
1. All dimensions are in inches (mm)
2. Weight: 0.004 lbs (1.7 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
STR Series
Switching Regulator
xxx Series
www.xppower.com
1
Models & Ratings
• Regulated Single Output
• Wide Input Range
• Compact SMD Package
• Operating Temperature -40 °C to +100 °C
• Remote On/Off
• Very High Efficiency up to 97%
• Output Voltage Trim
• Tape & Reel Package Available
• 3 Year Warranty
Dimensions:
STR05:
0.60 x 0.49 x 0.36” (15.30 x 12.35 x 9.24 mm)
0.5 Amp
Input voltage
Output voltage
Trim range
Output current
Maximum
capacitive load
Efficiency
Model number
@min input
@max input
4.75 - 32V
1.5V
1.4 - 2.5V
500 mA
220 µF
73%
63%
STR05S1V5
1.8 V
1.5 - 3.0V
82%
71%
STR05S1V8
2.5 V
1.5 - 3.0V
87%
77%
STR05S2V5
3.3 V
3.0 - 5.5V
91%
81%
STR05S3V3
6.5 - 32V
5.0 V
3.0 - 8.0V
94%
86%
STR05S05
8 - 32V
6.5 V
3.3 - 11.0V
95%
88%
STR05S6V5
11 - 32V
9.0 V
4.5 - 12.6V
96%
92%
STR05S09
15 - 32V
12.0 V
4.5 - 13.5V
97%
94%
STR05S12
18 - 32V
15.0 V
4.5 - 15.5V
97%
95%
STR05S15
Mechanical Details
0.40
(10.16)
0.08
(2.1)
0.05
(1.2)
0.10
(2.54)
Pin Connections
Pin
Function
1
+Vin
2
+Vin
3
GND
4
+Vout
5
+Vout
6
Vadj.
7
GND
8
GND
9
GND
10
Remote On/Off
Connecting Pin Pattern


Similar Part No. - STR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
STR CIT-STR Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
logo
Sanken electric
STR 2A153 SANKEN-STR 2A153 Datasheet
357Kb / 18P
DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.
logo
List of Unclassifed Man...
STR 450A ETC-STR 450A Datasheet
96Kb / 7P
UHF RECEIVER OPERATING INSTRUCTIONS
1.1/October 1998
STR D1816 ETC-STR D1816 Datasheet
39Kb / 1P
STRD1816
logo
Sanken electric
STR X6759 SANKEN-STR X6759 Datasheet
495Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
More results

Similar Description - STR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
SWITCHING REGULATOR
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
Switching Regulator
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
Switching Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
Switching Regulator
January, 2001 ??Rev. 9
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
Switching Regulator
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
Switching Regulator
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com