Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR Datasheet(PDF) 3 Page - XP Power Limited

Part # STR
Description  Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

STR Datasheet(HTML) 3 Page - XP Power Limited

  STR Datasheet HTML 1Page - XP Power Limited STR Datasheet HTML 2Page - XP Power Limited STR Datasheet HTML 3Page - XP Power Limited STR Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STR Series
www.xppower.com
Switching Regulator
3
0.1 S
S SEATING
PLANE
0~4
TOP View
12
3
4
5
10 9
8
7
6
0.60 (15.3)
0
0.02
(0.55)
0.02
(0.44)
0.10x4
(2.54x4)
0.10
(2.57)
0.05 (1.30)
0.40
(10.16)
0.08
(2.1)
0.05
(1.2)
0.10
(2.54)
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
With external components, see application note
Radiated
EN55022
Class B
1. All dimensions are in inches (mm)
2. Weight: 0.004 lbs (1.7 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Pin Connections
Pin
Function
1
+Vin
2
+Vin
3
GND
4
+Vout
5
+Vout
6
Vadj.
7
GND
8
GND
9
GND
10
Remote On/Off
Mechanical Details
Connecting Pin Pattern
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
±8 kV air discharge
A
Radiated
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
±0.5 kV
A
With external capacitor,
suggested part is CHEMI-CON KY 330µF/100V
Conducted
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
3 A/m
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com