Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PK3003 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PK3003
Description  2000 Volt & 3000 Volt PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PK3003 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4PK3003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
KILOVOLT™ Series
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2000 Volt & 3000 Volt PIN Diodes
MA4PK200X & MA4PK300X
Rev. 10
Case Styles  Black Dot Denotes Cathode
MA4PK2002
CASE STYLE 1048
MA4PK3002
CASE STYLE 1074
DIM
INCHES
MILLIMETERS
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
0.304
0.316
7.72
8.02
0.468
0.485
11.90
12.30
B
0.286
0.292
7.26
7.42
0.387
0.411
9.83
10.40
C
0.245
0.255
6.22
6.48
0.390
0.400
9.90
10.10
D
0.023
0.031
0.58
0.79
0.028
0.042
0.71
1.06
F
0.281
0.305
7.14
7.75
0.425
0.445
10.80
11.30
H
6-40 UNF-3A
10-32 UNF-2A
I
.072 SPLINE X .070 DP
0.50 SLOT X .060 DP
CP = .45 pF
LS = 2 nH
CP = .75 pF
LS = 3 nH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com